Part Number Hot Search : 
C4002 B32344 MUR844M2 0100C 06M00 VHB5028S FFCKSEL2 IL393
Product Description
Full Text Search
 

To Download AS8ER128K32Q-250883C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EEPROM
Austin Semiconductor, Inc.
128K x 32 Radiation Tolerant EEPROM
AVAILABLE AS MILITARY SPECIFICATIONS
* *
* * * MIL-STD-883
AS8ER128K32
PIN ASSIGNMENT
(Top View)
68 Lead CQFP
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61 10 60 11 59 12 58 13 57 14 56 15 55 16 54 17 53 18 52 19 51 20 50 21 49 22 48 23 47 24 46 25 45 26 44 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
Vcc A11 A12 A13 *A15 *A14 A16 CS1\ OE\ CS2\ NC WE2\ WE3\ WE4\ NC NC RDY RES\ A0 A1 A2 A3 A4 A5 CS3\ GND CS4\ WE1\ A6 A7 A8 A9 A10 Vcc
SMD 5962-94585
Access time of 150ns, 200ns, 250ns Operation with single 5V + 10% supply Power Dissipation: Active: 1.43 W (MAX), Max Speed Operation Standby: 7.7 mW (MAX), Battery Back-up Mode Automatic Byte Write: 10 ms (MAX) Automatic Page Write (128 bytes): 10 ms (MAX) Data protection circuit on power on/off Low power CMOS 104 Erase/Write cycles (in Page Mode) Software data protection TTL Compatible Inputs and Outputs Data Retention: 10 years Ready/Busy\ and Data Polling Signals Write protection by RES\ pin Radiation Tolerant: Proven total dose 40K to 100K RADS* Shielded Package for Best Radiation Immunity Operating Temperature Ranges: Military: -55oC to +125oC Industrial: -40oC to +85oC
I/O0 I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 GND I/O8 I/O9 I/O10 I/O11 I/O12 I/O13 I/O14 I/O15
FEATURES
* * * * * * * * * * * * *
I/O16 I/O17 I/O18 I/O19 I/O20 I/O21 I/O22 I/O23 GND I/O24 I/O25 I/O26 I/O27 I/O28 I/O29 I/O30 I/O31
*Pin #'s 31 and 32, A15 and A14 respectively, are reversed from the AS8E128K32. Correct use of these address lines is required for operation of the SDP mode to work properly.
PIN NAME A0 to A16 I/O0 to I/O31 OE\ CE\ WE\ VCC
OPTIONS
* Timing 150 ns 200 ns 250 ns * Package Ceramic Quad Flat pack w/ formed leads Ceramic Quad Flat pack w/ tie bar Shielded Ceramic Quad Flat pack Shielded Ceramic Quad Flat pack
MARKINGS
-150 -200 -250
FUNCTION Address Input Data Input/Output Output Enable Chip Enable Write Enable Power Supply
Ground VSS RDY/BUSY\ Ready Busy RES\ Reset
Q QB SQ SQB
No. 703Q No. 703QB No. 703SF No. 703SQB
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS8ER128K32 is a 4 Megabit Radiation Tolerant EEPROM Module organized as 128K x 32 bit. User configurable to 256K x16 or 512Kx 8. The module achieves high speed access, low power consumption and high reliability by employing advanced CMOS memory technology. The military grade product is manufactured in compliance to MIL-STD 883, making the AS8ER128K32 ideally suited for military or space applications. The module is offered as a 68 lead 0.880 inch square ceramic quad flat pack. It has a max. height of 0.200 inch (non-shielded). This package design is targeted for those applications which require low profile SMT Packaging.
* contact factory for test reports. ASI does not guarantee or warrant these performance levels, but references these third party reports.
AS8ER128K32 Rev. 5.3 6/05
FUNCTIONAL BLOCK DIAGRAM
For more products and information please visit our web site at www.austinsemiconductor.com
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
TRUTH TABLE
MODE Read Standby Write Deselect Wirte Inhibit Data\ Polling Program Reset CE\ VIL VIH VIL VIL X X VIL X OE\ VIL X
3
WE\ VIH X VIL VIH VIH X VIH X
RES\ VH X VH VH X X VH VIL
2
RDY/BUSY\ High-Z High-Z
1
I/O Dout High-Z Din High-Z ----Dout (I/O7) High-Z
VIH VIH X VIL VIL X
High-Z to VOL High-Z ----VOL High-Z
NOTES: 1. RDY/Busy\ output has only active LOW VOL and high impedance state. It can not go to HIGH (VOH) state. 2. VCC -0.5 < VH < VCC +1.0 3. X : DON'T CARE
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
EEPROM
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS* Voltage on Vcc Supply Relative to Vss Vcc ....................................................................-0.6V to +7.0V Operating Temperature Range(1) ..................-55C to +125C Storage Temperature Range .........................-65C to +150C Voltage on any Pin Relative to Vss..............-0.5V to +7.0V (2) Max Junction Temperature**.......................................+150C Thermal Resistance junction to case (JC): Package Type Q...........................................11.3 C/W Package Type P & PN..................................2.8 C/W NOTES:
1) Including electrical characteristics and data retention. 2) VIN MIN = -3.0V for pulse width < 20ns.
AS8ER128K32
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. **Junction temperature depends upon package type, cycle time, loading, ambient temperature and airflow, and humidity (plastics).
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oCPARAMETER Input High Voltage Input Low Voltage LOW INPUT Leakage(RES\ Signal) HIGH INPUT Leakage(RES\ Signal) INPUT LEAKAGE CURRENT
2
CONDITIONS
SYMBOL VIH VH VIL
Input High Voltage (RES\) RES\=0V, VCC=5.5V RES\=5.5V, VCC=5.5V OV < VIN < VCC Outputs(s) Disabled, OV < VOUT < VCC IOH = -0.4mA IOL = 2.1mA
MIN 2.2 VCC -0.5 -0.31 -500
MAX VCC +0.3 0.8 10
UNITS V V V
VCC +1.0
ILI(RES) IHI(RES) ILI ILO VOH VOL VCC
-10 -10 2.4 -4.5
10 10 -0.4 5.5 V V V
OUTPUT LEAKAGE CURRENT2 Output High Voltage Output Low Voltage Supply Voltage
NOTE:
1) VIL (MIN): -1.0V for pulse width < 20ns. 2) All other Signal pins except RES\
PARAMETER
CONDITIONS Iout = 0mA, VCC = 5.5V Cycle = 1S, Duty = 100%
SYM
MAX -15 80
UNITS
Power Supply Current: Operating
Icc3 Iout = 0mA, VCC = 5.5V Cycle = MIN, Duty = 100% CE\ = VCC, VCC = 5.5V CE\ = VIH, VCC = 5.5V ICC1 ICC2 260
mA
1.4 12
mA mA
Power Supply Current: Standby
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
EEPROM
Austin Semiconductor, Inc.
CAPACITANCE TABLE1 (VIN = 0V, f = 1 MHz, TA = 25oC)
SYMBOL CADD COE CWE, CCE CIO PARAMETER A0 - A16 Capacitance OE\, RES\, RDY Capacitance WE\ and CE\ Capacitance I/O 0- I/O 31 Capacitance MAX 40 40 12 20 UNITS pF pF pF pF
AS8ER128K32
NOTE: 1. This parameter is guaranteed but not tested.
AC TEST CHARACTERISTICS
TEST SPECIFICATIONS
Input pulse levels...........................................VSS to 3V Input rise and fall times...........................................5ns Input timing reference levels.................................1.5V Output reference levels.........................................1.5V Output load................................................See Figure 1
NOTES: Vz is programmable from -2V to + 7V. IOL and IOH programmable from 0 to 16 mA. Vz is typically the midpoint of VOH and VOL. IOL and IOH are adjusted to simulate a typical resistive load circuit.
Current Source
IOL
Device Under Test
+
+
Vz = 1.5V (Bipolar Supply)
Ceff = 50pf
Current Source
IOH
Figure 1
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS (-55oC < TA < +125oC or -40oC to +85oC; Vcc = 5V +10%)
DESCRIPTION Address to Output Delay CE\ to Output Delay OE\ to Output Delay Address to Output Hold CE\ or OE\ high to Output Float (1) RES\ low to Output Float (1) RES\ to Output Delay TEST CONDITIONS CE\ = OE\ = VIL, WE\ = VIH OE\ = VIL, WE\ = VIH OE\ = VIL, WE\ = VIH CE\ = OE\ = VIL, WE\ = VIH OE\ = VIL, WE\ = VIH CE\ = OE\ = VIL, WE\ = VIH CE\ = OE\ = VIL, WE\ = VIH 150 SYMBOL tACC tCE tOE tOH tDF tDFR tRR 10 0 0 0 0 50 350 450 MIN MAX 150 150 75 UNITS ns ns ns ns ns ns ns
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC WRITE CHARACTERISTICS (-55oC < TA < +125oC; Vcc = 5V +10%)
SYMBOL tAS tAH tCS tCH tWS tWH tOES tOEH tDS tDH tWP tCW tDL tBLC tBL tWC tDB tDW tRP tRES PARAMETER Address Setup Time Address Hold Time CE\ to Write Setup Time (WE\ controlled) CE\ Hold Time (WE\ controlled) WE\ to Write Setup Time (CE\ controlled) WE\ to Hold Time (CE\ controlled) OE\ to Write Setup Time OE\ to Hold Time Data Setup Time Data Hold Time WE\ Pulse Width (WE\ controlled) CE\ Pulse Width (CE\ controlled) Data Latch Time Byte Load Cycle Byte Load Window Write Cycle Time Time to Device Busy Write Start Time Reset Protect Time Reset High Time
(5)
MIN 0
(2)
MAX
UNITS ms ns ns ns ns ns ns ns ns ns ns ns ns
150 0 0 0 0 0 0 100 10 250 250 300 0.55 100 10 120 150 1
(4) (3)
30
s s ms ns ns s s
100
READ TIMING WAVEFORM
ADDRESS CE\ t ACC tCE tOE t DF t OH
OE\
WE\ Data Out
VIH HIGH-Z tRR
DATA OUT VALID t DFR
RES\
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
BYTE WRITE TIMING WAVEFORM (WE\ CONTROLLED)
tWC Address tCS CE\ WE\ tAS tOES OE\ tDS Din RDY/Busy\ t DB HIGH-Z t RP tRES RES\ VCC VOL t DH t DW HIGH-Z tBL tWP t OEH t AH t CH
BYTE WRITE TIMING WAVEFORM (CE\ CONTROLLED)
Address tWS CE\ WE\ tAS t AH tCW tWH t OEH tDS Din RDY/Busy\ t DB HIGH-Z tRES RES\ VCC
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
tBL
tWC
tOES OE\
t DH t DW VOL HIGH-Z
t RP
6
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
PAGE WRITE TIMING WAVEFORM (WE\ CONTROLLED)
Address(6) A0 to A16 WE\ CE\ tCS tOES OE\ Din RDY/Busy\ t RP HIGH-Z t DB tDS t DH HIGH-Z t DW tAS t AH tWP tDL t CH tBLC
tBL
tWC tOEH
RES\ VCC
tRES
PAGE WRITE TIMING WAVEFORM (CE\ CONTROLLED)
Address(6) A0 to A16 CE\ WE\ tWS tOES OE\ Din RDY/Busy\ t RP HIGH-Z t DB tDS t DH HIGH-Z t DW
tAS
t AH tCW tDL tWH tBLC
tBL
tWC tOEH
RES\ VCC
AS8ER128K32 Rev. 5.3 6/05
tRES
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
DATA POLLING TIMING WAVEFORM
Address CE\
An
An
WE\ t OEH OE\
tCE(7)
tOES
tOE(7) I\O7
Din X Dout X Dout X
t DW
tWC
NOTES: 1. tDF and tDFR are defined as the time at which the outputs achieve the open circuit conditions and are no longer driven. 2. Use this device in longer cycle than this value. 3. tWC must be longer than this value unless polling techniques or RDY/Busy\ are used. This device automatically completes the internal write operation within this value. 4. Next read or write operation can be initiated after tDW if polling techniques or RDY/Busy\ are used. 5. This parameter is sampled and not 100% tested. 6. A7 to A16 are page addresses and must be same within the page write operation. 7. See AC read characteristics.
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
EEPROM
Austin Semiconductor, Inc.
TOGGLE BIT
This device provides another function to determine the internal programming cycle. If the EEPROM is set to read mode during the internal programming cycle, I/O6 will charge from "1" to "0" (toggling) for each read. When the internal programming cycle is finished, toggling of I/O6 will stop and the device can be accessible for next read or program.
AS8ER128K32
TOGGLE BIT WAVEFORM
Address CE\ tCE3
4
Next Mode
WE\ OE\ t OEH I/O6
Din Dout
1
tOE3 tOES
Dout Dout
2
Dout
2
t DW tWC
NOTES: 1) I/O6 beginning state is "1". 2) I/O6 ending state will vary. 3) See AC read characteristics. 4) Any locations can be used, but the address must be fixed.
SOFTWARE DATA PROTECTION TIMING WAVEFORM (In protection mode)
VCC CE\
WE\
Address Data (each byte)
5555 AA
AAAA or 2AAA 55
5555 A0
* During this write cycle, data is physically written to the address provided.
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
{
Write Data
tBLC
tBLC
tBLC
tWC
Write Address*
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
SOFTWARE DATA PROTECTION TIMING WAVEFORM (In non-protection mode)
VCC CE\ tWC
Normal active mode
WE\ Address 5555 AAAA or 2AAA 55 5555 5555 AAAA or 2AAA AA 55 5555
Data (each byte)
AA
80
20
FUNCTIONAL DESCRIPTION
Automatic Page Write Page-mode write feature allows 1 to 128 bytes of data to be written into the EEPROM in a single write cycle. Following the initial byte cycle, an additional 1 to 128 bytes can be written in the same manner. Each additional byte load cycle must be started within 30s from the preceding falling edge of WE\ or CE\. When CE\ or WE\ is kept high for 100s after data input, the EEPROM enters write mode automatically and the input data are written into the EEPROM. DATA\ Polling DATA\ polling allows the status of the EEPROM to be determined. If EEPROM is set to read mode during the write cycle, an inversion of the last byte of data to be loaded outputs from I/O's 7, 15, 23, and 31 to indicate that the EEPROM is performing a write operation. RDY/Busy\ Signal RDY/Busy\ signal also allows status of the EEPROM to be determined. The RDY/Busy\ signal has high impedance except in write cycle and is lowered to VOL after the first write signal. At the end of write cycle, the RDY/Busy\ signal changes state to high impedance. RES\ Signal When RES\ is low, the EEPROM cannot be read or programmed. Therefore, data can be protected by keeping RES\ low when VCC is switched. RES\ should be high during read and programming because it doesn't provide a latch function. See timing diagram below.
RES\ Signal Diagram VCC
Read inhibit Read inhibit
RES\
Program inhibit Program inhibit
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
EEPROM
Austin Semiconductor, Inc.
WE\, CE\ Pin Operation During a write cycle, address are latched by the falling edge of WE\ or CE\, and data is latched by the rising edge of WE\ or CE\. Write/Erase Endurance and Data Retention Time The endurance is 104 cycles in case of the page programming and 103 cycles in case of the byte programming (1% cumulative failure rate). The data retention time is more than 10 years when a device is page-programmed less than 104 cycles.
AS8ER128K32
has a noise cancellation function that cuts noise if its width is 20ns or less in program mode. Be careful not to allow noise of a width more than 20ns on the control pins. See Diagram 1 below. 2. Data Protection at VCC On/Off When VCC is turned on or off, noise on the control pins generated by external circuits (CPU, etc.) may act as a trigger and turn the EEPROM to program mode by mistake. To prevent this unintentional programming, the EEPROM must be kept in an unprogrammable state while the CPR is in an unstable state. NOTE: The EEPROM should be kept in unprogrammable state during VCC on/off by using CPU RESET signal. See the timing diagram below.
RDY/Busy\ SIGNAL
RDY/Busy\ signal also allows status of the EEPROM to be determined. The RDY/Busy\ signal has high impedance except in write cycle and is lowered to VOL after the first write signal. At the end of the write cycle, the RDY/Busy\ signal changes state to high impedance. This allows many 58C1001 devices RDY/Busy\ signal lines to be wired-OR together.
PROGRAMMING/ERASE
The 58C1001 does NOT employ a BULK-erase function. The memory cells can be programmed `0' or `1'. A write cycle performs the function of erase & write on every cycle with the erase being transparent to the user. The internal erase data state is considered to be `1'. To program the memory array with background of ALL 0's or All 1's, the user would program this data using the page mode write operation to program all 1024 128-byte pages. Data Protection 1. Data Protection against Noise on Control Pins (CE\, OE\, WE\) During Operation During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to programming mode by mistake. To prevent this phenomenon, this device
DIAGRAM 1
DATA PROTECTION AT VCC ON/OFF
VCC CPU RESET
*Unprogrammable *Unprogrammable
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
EEPROM
Austin Semiconductor, Inc.
Data Protection Cont. a. Protection by RES\ The unprogrammable state can be realized by the CPU's reset signal inputs directly to the EEPROM's RES pin. RES should be kept VSS level during VCC on/off. The EEPROM brakes off programming operation when RES becomes low, programming operation doesn't finish correctly in case that RES falls low during programming operation. RES should be kept high for 10ms after the last data inputs. See the timing diagram below. 3. Software data protection To prevent unintentional programming, this device has the software data protection (SDP) mode. The SDP is enabled by inputting the 3 bytes code and write data in Chart 1. SDP is not enabled if only the 3 bytes code is input.
AS8ER128K32
To program data in the SDP enable mode, 3 bytes code must be input before write data. This 4th cycle during write is required to initiate the SDP and physically writes the address and data. While in SDP the entire array is protected in which writes can only occur if the exact SDP sequence is re-executed or the unprotect sequence is executed. The SDP is disabled by inputting the 6 bytes code in Chart 2. Note that, if data is input in the SDP disable cycle, data can not be written. The software data protection is not enabled at the shipment. NOTE: These are some differences between ASI's and other company's for enable/disable sequence of software data protection. If these are any questions, please contact ASI.
PROTECTION BY RES\
VCC RES\
Program inhibit Program inhibit
WE\ or CE\
1 min 100 min 10 ms min
CHART 1
Address 5555 AAAA or 2AAA 5555 Write Address Data
(each Byte)
CHART 2
Address 5555 AAAA or 2AAA 5555 5555 AAAA or 2AAA 5555 Data
(each Byte)
AA 55 A0 Write Data} Normal data input
AA 55 80 AA 55 20
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
MECHANICAL DEFINITIONS*
ASI Case #703 (Package Designator Q)
4 x D2 4 x D1 4xD
DETAIL A
R A2 B b L1
Pin 1
0o - 7o
SEE DETAIL A e A1 A
D3
SYMBOL A A1 A2 b B D D1 D2 D3 e R L1
ASI PACKAGE SPECIFICATIONS MIN MAX 0.123 0.200 0.118 0.186 0.000 0.020 0.013 0.017 0.010 REF 0.800 BSC 0.870 0.890 0.980 1.000 0.936 0.956 0.050 BSC 0.005 0.035 0.045
*All measurements are in inches.
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
MECHANICAL DEFINITIONS*
ASI Case #703SQ
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
MECHANICAL DEFINITIONS*
ASI Case #703SQB
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
15
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
MECHANICAL DEFINITIONS*
ASI Case (Package Designator QB)
*All measurements are in inches.
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
ORDERING INFORMATION
EXAMPLE: AS8ER128K32Q-15/IT EXAMPLE: AS8ER128K32QB-250/XT Device Number AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 AS8ER128K32 Package Type Q Q Q QB QB QB SQ SQ SQ SQB SQB SQB Speed ns -150 -200 -250 -150 -200 -250 -150 -200 -250 -150 -200 -250 Process /* /* /* /* /* /* /* /* /* /* /* /*
*AVAILABLE PROCESSES IT = Industrial Temperature Range XT = Extended Temperature Range 883C = Full Military Processing
-40oC to +85oC -55oC to +125oC -55oC to +125oC
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
17
EEPROM
Austin Semiconductor, Inc.
AS8ER128K32
ASI TO DSCC PART NUMBER CROSS REFERENCE*
Package Designator Q
ASI Part # AS8ER128K32Q-250/883C AS8ER128K32Q-200/883C AS8ER128K32Q-150/883C SMD Part 5962-9458507HMX 5962-9458508HMX 5962-9458509HMX
Package Designator QB
ASI Part # AS8ER128K32QB-250/883C AS8ER128K32QB-200/883C AS8ER128K32QB-150/883C SMD Part 5962-9458507HZC 5962-9458508HZC 5962-9458509HZC
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
AS8ER128K32 Rev. 5.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
18


▲Up To Search▲   

 
Price & Availability of AS8ER128K32Q-250883C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X